Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
7.6.2 Description of Serial Registers
This section explains each register function in detail.
Table 4. Serial Register 0x00 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x00
Analog Gain Adjustment bits<11:4>
Defaults
0
0
0
0
0
0
0
0
BIT <7:0>
Analog gain adjustment (most significant 8 bits of a 12 bit word)
All 12-bits in this adjustment in address 0x00 and 0x01 set to 0000 0000 0000 = full-
scale analog input 2.0VPP
All 12-bits in this adjustment in address 0x00 and 0x01 set to 1111 1111 1111 = full-
scale analog input 1.52VPP
Step adjustment resolution is 120µV.
Can be used for one-time setting or continual calibration of analog signal path gain.
Table 5. Serial Register 0x01 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x01
Analog Gain Adjustment bits<3:0>
3 or 4-pin SPI
SPI Reset
0
0
Defaults
0
0
0
0
0
0
0
0
BIT <0:1>
RESERVED
0
set to 0 if writing this register
1
do not set to 1
BIT <2>
SPI Register Reset
0
altered register settings are kept
1
resets all SPI registers to defaults (self clearing)
BIT <3>
Set SPI mode to 3- or 4-pin
0
3-pin SPI (read/write on SDIO, SDO not used)
1
4-pin SPI (SDIO is write, SDO is read)
BIT <7:4>
Analog gain adjustment continued (least significant 4 bits of a 12-bit word)
All 12-bits in this adjustment in address 0x00 and 0x01 set to 0000 0000 0000 =
fullscale analog input 2VPP
All 12-bits in this adjustment in address 0x00 and 0x01 set to 1111 1111 1111 =
fullscale analog input 1.52VPP
Step adjustment resolution is 120µV.
Can be used for one-time setting or continual calibration of analog signal path gain.
32
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com