Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 20Page - Microchip Technology LAN8710AI Datasheet HTML 21Page - Microchip Technology LAN8710AI Datasheet HTML 22Page - Microchip Technology LAN8710AI Datasheet HTML 23Page - Microchip Technology LAN8710AI Datasheet HTML 24Page - Microchip Technology LAN8710AI Datasheet HTML 25Page - Microchip Technology LAN8710AI Datasheet HTML 26Page - Microchip Technology LAN8710AI Datasheet HTML 27Page - Microchip Technology LAN8710AI Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
24
SMSC LAN8710A/LAN8710Ai
DATASHEET
Figure 3.3 Relationship Between Received Data and Specific MII Signals
3.1.2.8
Receiver Errors
During a frame, unexpected code-groups are considered receive errors. Expected code groups are the
DATA set (0 through F), and the /T/R/ (ESD) symbol pair. When a receive error occurs, the RXER
signal is asserted and arbitrary data is driven onto the RXD[3:0] lines. Should an error be detected
during the time that the /J/K/ delimiter is being decoded (bad SSD error), RXER is asserted true and
the value ‘1110’ is driven onto the RXD[3:0] lines. Note that the Valid Data signal is not yet asserted
when the bad SSD error occurs.
3.1.2.9
100M Receive Data Across the MII/RMII Interface
In MII mode, the 4-bit data nibbles are sent to the MII block. These data nibbles are clocked to the
controller at a rate of 25MHz. The controller samples the data on the rising edge of RXCLK. To ensure
that the setup and hold requirements are met, the nibbles are clocked out of the transceiver on the
falling edge of RXCLK. RXCLK is the 25MHz output clock for the MII bus. It is recovered from the
received data to clock the RXD bus. If there is no received signal, it is derived from the system
reference clock (XTAL1/CLKIN).
When tracking the received data, RXCLK has a maximum jitter of 0.8ns (provided that the jitter of the
input clock, XTAL1/CLKIN, is below 100ps).
In RMII mode, the 2-bit data nibbles are sent to the RMII block. These data nibbles are clocked to the
controller at a rate of 50MHz. The controller samples the data on the rising edge of XTAL1/CLKIN
(REF_CLK). To ensure that the setup and hold requirements are met, the nibbles are clocked out of
the transceiver on the falling edge of XTAL1/CLKIN (REF_CLK).
3.1.3
10BASE-T Transmit
Data to be transmitted comes from the MAC layer controller. The 10BASE-T transmitter receives 4-bit
nibbles from the MII at a rate of 2.5MHz and converts them to a 10Mbps serial data stream. The data
stream is then Manchester-encoded and sent to the analog transmitter, which drives a signal onto the
twisted pair via the external magnetics.
The 10M transmitter uses the following blocks:
MII (digital)
TX 10M (digital)
10M Transmitter (analog)
10M PLL (analog)
3.1.3.1
10M Transmit Data Across the MII/RMII Interface
The MAC controller drives the transmit data onto the TXD bus. For MII, when the controller has driven
TXEN high to indicate valid data, the data is latched by the MII block on the rising edge of TXCLK.
The data is in the form of 4-bit wide 2.5MHz data. For RMII, TXD[1:0] shall transition synchronously
with respect to REF_CLK. When TXEN is asserted, TXD[1:0] are accepted for transmission by the
device. TXD[1:0] shall be “00” to indicate idle when TXEN is deasserted. Values of TXD[1:0] other than
“00” when TXEN is deasserted are reserved for out-of-band signalling (to be defined). Values other
5D
5
data
data
data
data
RXD
RX_DV
RX_CLK
5D
5
data
data
data
data
CLEAR-TEXT
5
JK
5
55
TR
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com