Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 63Page - Microchip Technology LAN8710AI Datasheet HTML 64Page - Microchip Technology LAN8710AI Datasheet HTML 65Page - Microchip Technology LAN8710AI Datasheet HTML 66Page - Microchip Technology LAN8710AI Datasheet HTML 67Page - Microchip Technology LAN8710AI Datasheet HTML 68Page - Microchip Technology LAN8710AI Datasheet HTML 69Page - Microchip Technology LAN8710AI Datasheet HTML 70Page - Microchip Technology LAN8710AI Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
67
Revision 1.4 (08-23-12)
DATASHEET
5.2
Operating Conditions**
Supply Voltage (VDDIO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.62V to +3.6V
Analog Port Supply Voltage (VDD1A, VDD2A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.0V to +3.6V
Digital Core Supply Voltage (VDDCR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.14V to +1.26V
Ethernet Magnetics Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.25V to +3.6V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 5.4
**Proper operation of the device is guaranteed only within the ranges specified in this section. After
the device has completed power-up, VDDIO and the magnetics power supply must maintain their
voltage level with +/-10%. Varying the voltage greater than +/-10% after the device has completed
power-up can cause errors in device operation.
Note: Do not drive input signals without power supplied to the device.
5.3
Power Consumption
This section details the device power measurements taken over various operating conditions. Unless
otherwise noted, all measurements were taken with power supplies at nominal values (VDDIO, VDD1A,
VDD2A = 3.3V, VDDCR = 1.2V). See Section 3.8.3, "Power-Down Modes," on page 40 for a
description of the power down modes.
Note: The current at VDDCR is either supplied by the internal regulator from current entering at
VDD2A, or from an external 1.2V supply when the internal regulator is disabled.
Table 5.1 Device Only Current Consumption and Power Dissipation
POWER PIN GROUP
VDDA3.3
POWER
PINS(mA)
VDDCR
POWER
PIN(mA)
VDDIO
POWER
PIN(mA)
TOTAL
CURRENT
(mA)
TOTAL
POWER
(mW)
100BASE-TX /W TRAFFIC
Max
28
21
5.2
54
176
Typical
26
18
4.3
48
158
Min
23
18
2.4
43
101
Note 5.6
10BASE-T /W TRAFFIC
Max
10.2
12.9
0.98
24.1
79.5
Typical
9.4
11.4
0.4
21.2
70
Min
9.2
10.9
0.3
20.4
44
Note 5.6
ENERGY DETECT
POWER DOWN
Max
4.5
3
0.3
7.8
25
Typical
4.3
1.4
0.2
5.9
19.5
Min
3.9
1.3
0
5.2
15.9
Note 5.6
GENERAL POWER DOWN
Max
0.4
2.6
0.3
3.3
10.9
Typical
0.3
1.2
0.2
1.7
5.6
Min
0.3
1.1
0
1.4
2.4
Note 5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com