Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 30Page - Microchip Technology LAN8710AI Datasheet HTML 31Page - Microchip Technology LAN8710AI Datasheet HTML 32Page - Microchip Technology LAN8710AI Datasheet HTML 33Page - Microchip Technology LAN8710AI Datasheet HTML 34Page - Microchip Technology LAN8710AI Datasheet HTML 35Page - Microchip Technology LAN8710AI Datasheet HTML 36Page - Microchip Technology LAN8710AI Datasheet HTML 37Page - Microchip Technology LAN8710AI Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
34
SMSC LAN8710A/LAN8710Ai
DATASHEET
3.6
Interrupt Management
The device management interface supports an interrupt capability that is not a part of the IEEE 802.3
specification. This interrupt capability generates an active low asynchronous interrupt signal on the
nINT output whenever certain events are detected as setup by the Interrupt Mask Register.
The device’s interrupt system provides two modes, a Primary Interrupt mode and an Alternative
interrupt mode. Both systems will assert the nINT pin low when the corresponding mask bit is set.
These modes differ only in how they de-assert the nINT interrupt output. These modes are detailed in
the following subsections.
Note: The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The
Alternative interrupt mode requires setup after a power-up or hard reset.
3.6.1
Primary Interrupt System
The Primary interrupt system is the default interrupt mode (ALTINT bit of the Mode Control/Status
Register is “0”). The Primary interrupt system is always selected after power-up or hard reset. In this
mode, to set an interrupt, set the corresponding mask bit in the Interrupt Mask Register (see Table 3.3).
Then when the event to assert nINT is true, the nINT output will be asserted. When the corresponding
event to deassert nINT is true, then the nINT will be de-asserted.
Note 3.3
If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high,
nINT will assert for 256 ms, approximately one second after ENERGYON goes low when
the Cable is unplugged. To prevent an unexpected assertion of nINT, the ENERGYON
interrupt mask should always be cleared as part of the ENERGYON interrupt service
routine.
Table 3.3 Interrupt Management Table
MASK
INTERRUPT SOURCE
FLAG
INTERRUPT SOURCE
EVENT TO
ASSERT nINT
EVENT TO
DE-ASSERT nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
(Note 3.3)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Read register 29
30.2
29.2
Parallel Detection
Fault
6.4
Parallel
Detection Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29
or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
Falling of 6.1 or
Reading register 6, or
Reading register 29
Re-Auto Negotiate, or
Link Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com