Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 32Page - Microchip Technology LAN8710AI Datasheet HTML 33Page - Microchip Technology LAN8710AI Datasheet HTML 34Page - Microchip Technology LAN8710AI Datasheet HTML 35Page - Microchip Technology LAN8710AI Datasheet HTML 36Page - Microchip Technology LAN8710AI Datasheet HTML 37Page - Microchip Technology LAN8710AI Datasheet HTML 38Page - Microchip Technology LAN8710AI Datasheet HTML 39Page - Microchip Technology LAN8710AI Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
36
SMSC LAN8710A/LAN8710Ai
DATASHEET
3.7
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined
values. Configuration straps are latched upon Power-On Reset (POR) and pin reset (nRST).
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
resistor should be used to augment the internal resistor to ensure that it reaches the required voltage
level prior to latching. The internal resistor can also be overridden by the addition of an external
resistor.
Note: The system designer must guarantee that configuration strap pins meet the timing
requirements specified in Section 5.5.3, "Power-On nRST & Configuration Strap Timing," on
page 72. If configuration strap pins are not at the correct voltage level prior to being latched,
the device may capture incorrect strap values.
Note: When externally pulling configuration straps high, the strap should be tied to VDDIO, except
for REGOFF and nINTSEL which should be tied to VDD2A.
3.7.1
PHYAD[2:0]: PHY Address Configuration
The PHYAD[2:0] configuration straps are driven high or low to give each PHY a unique address. This
address is latched into an internal register at the end of a hardware reset (default = 000b). In a multi-
transceiver application (such as a repeater), the controller is able to manage each transceiver via the
unique address. Each transceiver checks each management data frame for a matching address in the
relevant bits. When a match is recognized, the transceiver responds to that particular frame. The PHY
address is also used to seed the scrambler. In a multi-transceiver application, this ensures that the
scramblers are out of synchronization and disperses the electromagnetic radiation across the
frequency spectrum.
The device’s SMI address may be configured using hardware configuration to any value between 0
and 7. The user can configure the PHY address using Software Configuration if an address greater
than 7 is required. The PHY address can be written (after SMI communication at some address is
established) using the PHYAD bits of the Special Modes Register. The PHYAD[2:0] configuration straps
are multiplexed with other signals as shown in Table 3.5.
3.7.2
MODE[2:0]: Mode Configuration
The MODE[2:0] configuration straps control the configuration of the 10/100 digital block. When the
nRST pin is deasserted, the register bit values are loaded according to the MODE[2:0] configuration
straps. The 10/100 digital block is then configured by the register bit values. When a soft reset occurs
via the Soft Reset bit of the Basic Control Register, the configuration of the 10/100 digital block is
controlled by the register bit values and the MODE[2:0] configuration straps have no affect.
The device’s mode may be configured using the hardware configuration straps as summarized in
Table 3.6. The user may configure the transceiver mode by writing the SMI registers.
Table 3.5 Pin Names for Address Bits
ADDRESS BIT
PIN NAME
PHYAD[0]
RXER/RXD4/PHYAD0
PHYAD[1]
RXCLK/PHYAD1
PHYAD[2]
RXD3/PHYAD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com