Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 12Page - Microchip Technology LAN8710AI Datasheet HTML 13Page - Microchip Technology LAN8710AI Datasheet HTML 14Page - Microchip Technology LAN8710AI Datasheet HTML 15Page - Microchip Technology LAN8710AI Datasheet HTML 16Page - Microchip Technology LAN8710AI Datasheet HTML 17Page - Microchip Technology LAN8710AI Datasheet HTML 18Page - Microchip Technology LAN8710AI Datasheet HTML 19Page - Microchip Technology LAN8710AI Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
16
SMSC LAN8710A/LAN8710Ai
DATASHEET
Table 2.7 Power Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
+1.6V to
+3.6V
Variable I/O
Power
VDDIO
P
+1.6V to +3.6V variable I/O power
Refer to the LAN8710A/LAN8710Ai reference
schematic for connection information.
1
+1.2V Digital
Core Power
Supply
VDDCR
P
Supplied by the on-chip regulator unless
configured for regulator off mode via the
REGOFF configuration strap.
Refer to the LAN8710A/LAN8710Ai reference
schematic for connection information.
Note:
1 uF and 470 pF decoupling capacitors
in parallel to ground should be used on
this pin.
1
+3.3V
Channel 1
Analog Port
Power
VDD1A
P
+3.3V Analog Port Power to Channel 1
Refer to the LAN8710A/LAN8710Ai reference
schematic for connection information.
1
+3.3V
Channel 2
Analog Port
Power
VDD2A
P
+3.3V Analog Port Power to Channel 2 and the
internal regulator.
Refer to the LAN8710A/LAN8710Ai reference
schematic for connection information.
1
Ground
VSS
P
Common ground. This exposed pad must be
connected to the ground plane with a via array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com