Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 6Page - Microchip Technology LAN8710AI Datasheet HTML 7Page - Microchip Technology LAN8710AI Datasheet HTML 8Page - Microchip Technology LAN8710AI Datasheet HTML 9Page - Microchip Technology LAN8710AI Datasheet HTML 10Page - Microchip Technology LAN8710AI Datasheet HTML 11Page - Microchip Technology LAN8710AI Datasheet HTML 12Page - Microchip Technology LAN8710AI Datasheet HTML 13Page - Microchip Technology LAN8710AI Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
10
SMSC LAN8710A/LAN8710Ai
DATASHEET
Table 2.1 MII/RMII Signals
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Transmit
Data 0
TXD0
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 1
TXD1
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 2
(MII Mode)
TXD2
VIS
The MAC transmits data to the transceiver using
this signal in MII Mode.
Note:
This signal must be grounded in RMII
Mode.
1
Transmit
Data 3
(MII Mode)
TXD3
VIS
The MAC transmits data to the transceiver using
this signal in MII Mode.
Note:
This signal must be grounded in RMII
Mode.
1
Interrupt
Output
nINT
VO8
Active low interrupt output. Place an external
resistor pull-up to VDDIO.
Note:
Refer to Section 3.6, "Interrupt
Management," on page 34 for additional
details on device interrupts.
Note:
Refer to Section 3.8.1.2, "nINTSEL and
LED2 Polarity Selection," on page 39 for
details on how the nINTSEL
configuration strap is used to determine
the function of this pin.
Transmit
Error
(MII Mode)
TXER
VIS
(PU)
When driven high, the 4B/5B encode process
substitutes the Transmit Error code-group (/H/)
for the encoded data word. This input is ignored
in the 10BASE-T mode of operation.
Transmit
Data 4
(MII Mode)
TXD4
VIS
(PU)
In Symbol Interface (5B Decoding) mode, this
signal becomes the MII Transmit Data 4 line (the
MSB of the 5-bit symbol code-group).
Note:
This signal is not used in RMII Mode.
1
Transmit
Enable
TXEN
VIS
(PD)
Indicates that valid transmission data is present
on TXD[3:0]. In RMII Mode, only TXD[1:0]
provide valid data.
1
Transmit
Clock
(MII Mode)
TXCLK
VO8
Used to latch data from the MAC into the
transceiver.
MII (100BASE-TX): 25MHz
MII (10BASE-T): 2.5MHz
Note:
This signal is not used in RMII Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com