Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 81 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 81 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 74Page - Microchip Technology LAN8710AI Datasheet HTML 75Page - Microchip Technology LAN8710AI Datasheet HTML 76Page - Microchip Technology LAN8710AI Datasheet HTML 77Page - Microchip Technology LAN8710AI Datasheet HTML 78Page - Microchip Technology LAN8710AI Datasheet HTML 79Page - Microchip Technology LAN8710AI Datasheet HTML 80Page - Microchip Technology LAN8710AI Datasheet HTML 81Page - Microchip Technology LAN8710AI Datasheet HTML 82Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
81
Revision 1.4 (08-23-12)
DATASHEET
Chapter 7 Datasheet Revision History
Table 7.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.4
(08-23-12)
Section 4.2.2, "Basic Status
Register," on page 53
Updated definitions of bits 10:8.
Section 4.2.11, "Special
Control/Status Indications
Register," on page 62
Updated bit 11 definition.
Section 4.2.14, "PHY
Special Control/Status
Register," on page 65
Updated bit 6 definition.
Rev. 1.3
(03-12-12)
Company disclaimer on
page 2
Removed company address and phone numbers.
Cover
Ordering information modified.
Rev. 1.3
(04-20-11)
Cover
Added copper bond wire ordering codes to
LAN8710 ordering codes
Table 2.7, “Power Pins,” on
page 16
Updated VDDCR pin note to include requirement
of 1uF and 470pF decoupling capacitors in parallel
to ground on the VDDCR pin.
Figure 3.13 Power Supply
Diagram (1.2V Supplied by
Internal Regulator) on
page 46 and Figure 3.13
Power Supply Diagram
(1.2V Supplied by Internal
Regulator) on page 46
Updated diagrams to include 1uF and 470pF
decoupling capacitors on the VDDCR pin.
Table 4.2.9, “Special Modes
Register,” on page 60
Updated MIIMODE bit description and added note:
“When writing to this register the default value of
this bit must always be written back.”
Section 3.7.3, "RMIISEL:
MII/RMII Mode
Configuration," on page 37
Updated second paragraph to:
“When the nRST pin is deasserted, the MIIMODE
bit of the Special Modes Register is loaded
according to the RMIISEL configuration strap. The
mode is reflected in the MIIMODE bit of the Special
Modes Register.”
Section 3.8.9.2, "Far
Loopback," on page 43
Updated section to defeature information about
register control of the MII/RMII mode.
Rev. 1.2 (11-10-10)
Section 5.5.5, "RMII
Interface Timing," on
page 75
Updated diagrams and tables to include RXER.
Figure 6.1 32-QFN Package
on page 78 & Figure 6.2
Recommended PCB Land
Pattern on page 79
Updated package drawings.
Section 5.5.5, "RMII
Interface Timing," on
page 75
Corrected signal names on RMII timing diagrams
and tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com