Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 68Page - Microchip Technology LAN8710AI Datasheet HTML 69Page - Microchip Technology LAN8710AI Datasheet HTML 70Page - Microchip Technology LAN8710AI Datasheet HTML 71Page - Microchip Technology LAN8710AI Datasheet HTML 72Page - Microchip Technology LAN8710AI Datasheet HTML 73Page - Microchip Technology LAN8710AI Datasheet HTML 74Page - Microchip Technology LAN8710AI Datasheet HTML 75Page - Microchip Technology LAN8710AI Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
72
SMSC LAN8710A/LAN8710Ai
DATASHEET
5.5.3
Power-On nRST & Configuration Strap Timing
This diagram illustrates the nRST reset and configuration strap timing requirements in relation to
power-on. A hardware reset (nRST assertion) is required following power-up. For proper operation,
nRST must be asserted for no less than trstia. The nRST pin can be asserted at any time, but must
not be deasserted before tpurstd after all external power supplies have reached 80% of their nominal
operating levels. In order for valid configuration strap values to be read at power-up, the tcss and tcsh
timing constraints must be followed. Refer to Section 3.8.5, "Resets," on page 41 for additional
information.
Note: nRST deassertion must be monotonic.
Note: Device configuration straps are latched as a result of nRST assertion. Refer to Section 3.7,
"Configuration Straps," on page 36 for details. Configuration straps must only be pulled high or
low and must not be driven as inputs.
Note 5.14 20 clock cycles for 25MHz, or 40 clock cycles for 50MHz.
Figure 5.3 Power-On nRST & Configuration Strap Timing
Table 5.7 Power-On nRST & Configuration Strap Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tpurstd
External power supplies at 80% to nRST deassertion
25
mS
tpurstv
External power supplies at 80% to nRST valid
0
nS
trstia
nRST input assertion time
100
μS
tcss
Configuration strap pins setup to nRST deassertion
200
nS
tcsh
Configuration strap pins hold after nRST deassertion
1
nS
totaa
Output tri-state after nRST assertion
50
nS
todad
Output drive after nRST deassertion
2
800
(Note 5.14)
nS
tcss
nRST
Configuration Strap
Pins Input
trstia
tcsh
Configuration Strap
Pins Output Drive
todad
All External
Power Supplies
tpurstd
80%
tpurstv
totaa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com