Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 7Page - Microchip Technology LAN8710AI Datasheet HTML 8Page - Microchip Technology LAN8710AI Datasheet HTML 9Page - Microchip Technology LAN8710AI Datasheet HTML 10Page - Microchip Technology LAN8710AI Datasheet HTML 11Page - Microchip Technology LAN8710AI Datasheet HTML 12Page - Microchip Technology LAN8710AI Datasheet HTML 13Page - Microchip Technology LAN8710AI Datasheet HTML 14Page - Microchip Technology LAN8710AI Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
11
Revision 1.4 (08-23-12)
DATASHEET
1
Receive
Data 0
RXD0
VO8
Bit 0 of the 4 (2 in RMII Mode) data bits that are
sent by the transceiver on the receive path.
PHY
Operating
Mode 0
Configuration
Strap
MODE0
VIS
(PU)
Combined with MODE1 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 4 (2 in RMII Mode) data bits that are
sent by the transceiver on the receive path.
PHY
Operating
Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Receive
Data 2
(MII Mode)
RXD2
VO8
Bit 2 of the 4 (in MII Mode) data bits that are sent
by the transceiver on the receive path.
Note:
This signal is not used in RMII Mode.
MII/RMII
Mode Select
Configuration
Strap
RMIISEL
VIS
(PD)
This configuration strap selects the MII or RMII
mode of operation. When strapped low to VSS,
MII Mode is selected. When strapped high to
VDDIO RMII Mode is selected.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.3, "RMIISEL:
MII/RMII Mode Configuration," on
page 37 for additional details.
1
Receive
Data 3
(MII Mode)
RXD3
VO8
Bit 3 of the 4 (in MII Mode) data bits that are sent
by the transceiver on the receive path.
Note:
This signal is not used in RMII Mode.
PHY Address
2
Configuration
Strap
PHYAD2
VIS
(PD)
Combined with PHYAD0 and PHYAD1, this
configuration strap sets the transceiver’s SMI
address.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration," on
page 36 for additional information.
Table 2.1 MII/RMII Signals (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com