Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 11 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 7Page - STMicroelectronics R5972D Datasheet HTML 8Page - STMicroelectronics R5972D Datasheet HTML 9Page - STMicroelectronics R5972D Datasheet HTML 10Page - STMicroelectronics R5972D Datasheet HTML 11Page - STMicroelectronics R5972D Datasheet HTML 12Page - STMicroelectronics R5972D Datasheet HTML 13Page - STMicroelectronics R5972D Datasheet HTML 14Page - STMicroelectronics R5972D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID026873 Rev 1
11/35
R5972D
Functional description
35
diode can be considered a high value capacitor and this produces a very high peak current,
responsible for numerous problems:
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasites.
Turn ON overcurrent leads to a decrease in the efficiency and system reliability.
Major EMI problems.
Shorter freewheeling diode life.
The fall time of the current during turn OFF is also critical, as it produces voltage spikes (due
to the parasites elements of the board) that increase the voltage drop across the PDMOS.
In order to minimize these problems, a new driving circuit topology has been used and the
block diagram is shown in Figure 5. The basic idea is to change the current levels used to
turn the power switch ON and OFF, based on the PDMOS and the gate clamp status.
This circuitry allows the power switch to be turned OFF and ON quickly and addresses the
freewheeling diode recovery time problem. The gate clamp is necessary to ensure that VGS
of the internal switch does not go higher than VGSmax. The ON/OFF control block protects
against any cross conduction between the supply line and ground.
Figure 5. Driving circuitry
5.6
Thermal shutdown
The shutdown block generates a signal that turns OFF the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150 ± 10 °C). The sensing element of
the chip is very close to the PDMOS area, ensuring fast and accurate temperature
detection. A hysteresis of approximately 20 °C keeps the device from turning ON and OFF
continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com