Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 18 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 14Page - STMicroelectronics R5972D Datasheet HTML 15Page - STMicroelectronics R5972D Datasheet HTML 16Page - STMicroelectronics R5972D Datasheet HTML 17Page - STMicroelectronics R5972D Datasheet HTML 18Page - STMicroelectronics R5972D Datasheet HTML 19Page - STMicroelectronics R5972D Datasheet HTML 20Page - STMicroelectronics R5972D Datasheet HTML 21Page - STMicroelectronics R5972D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application information
R5972D
18/35
DocID026873 Rev 1
8
Application information
8.1
Component selection
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor has
to absorb all this switching current, which can be up to the load current divided by two (worst
case, with duty cycle of 50%). For this reason, the quality of these capacitors has to be very
high to minimize the power dissipation generated by the internal ESR, thereby improving
system reliability and efficiency. The critical parameter is usually the RMS current rating,
which must be higher than the RMS input current. The maximum RMS input current (flowing
through the input capacitor) is:
Equation 17
Where
is the expected system efficiency, D is the duty cycle and IO is the output DC
current. This function reaches its maximum value at D = 0.5 and the equivalent RMS current
is equal to IO divided by 2 (considering  = 1). The maximum and minimum duty cycles are:
Equation 18
Figure 10. Application schematic
IRMS
IO
D
2D
2
----------------
–
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
–
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com