Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 19 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 15Page - STMicroelectronics R5972D Datasheet HTML 16Page - STMicroelectronics R5972D Datasheet HTML 17Page - STMicroelectronics R5972D Datasheet HTML 18Page - STMicroelectronics R5972D Datasheet HTML 19Page - STMicroelectronics R5972D Datasheet HTML 20Page - STMicroelectronics R5972D Datasheet HTML 21Page - STMicroelectronics R5972D Datasheet HTML 22Page - STMicroelectronics R5972D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID026873 Rev 1
19/35
R5972D
Application information
35
and
Equation 19
Where VF is the freewheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max.
IRMS going through the input capacitor.
Capacitors that can be considered are:
Electrolytic capacitors:
These are widely used due to their low price and their availability in a wide range of
RMS current ratings.
The only drawback is that, considering ripple current rating requirements, they are
physically larger than other capacitors.
Ceramic capacitors:
If available for the required value and voltage rating, these capacitors usually have
a higher RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
Tantalum capacitors:
Very good, small tantalum capacitors with very low ESR are becoming more available.
However, they can occasionally burn if subjected to very high current during charge.
Therefore, it is better to avoid this type of capacitor for the input filter of the device. They
can, however, be subjected to high surge current when connected to the power supply.
High dv/dt voltage spikes on the input side can be critical for DC/DC converters. A good
power layout and input voltage filtering help to minimize this issue. In addition to the above
considerations, a 1 µF/50 V ceramic capacitor as close as possible to the VCC and GND
pins is always suggested to adequately filter VCC spikes.
Output capacitor
The output capacitor is very important to meet the output voltage ripple requirement.
Using a small inductor value is useful to reduce the size of the choke but it increases the
current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is required.
Nevertheless, the ESR of the output capacitor introduces a zero in the open loop gain,
which helps to increase the phase margin of the system. If the zero goes to a very high
frequency, its effect is negligible. For this reason, ceramic capacitors and very low ESR
capacitors in general should be avoided.
Tantalum and electrolytic capacitors are usually a good choice for this purpose. A list of
some tantalum capacitor manufacturers is provided in Table 7.
Table 6. List of ceramic capacitors for the R5972D
Manufacturer
Series
Capacitor value (µF)
Rated voltage (V)
TAIYO YUDEN
UMK325BJ106MM-T
10
50
MURATA
GRM42-2 X7R 475K 50
4.7
50
DMIN
VOUT VF
+
VINMAX VSW
–
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com