Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 20 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 16Page - STMicroelectronics R5972D Datasheet HTML 17Page - STMicroelectronics R5972D Datasheet HTML 18Page - STMicroelectronics R5972D Datasheet HTML 19Page - STMicroelectronics R5972D Datasheet HTML 20Page - STMicroelectronics R5972D Datasheet HTML 21Page - STMicroelectronics R5972D Datasheet HTML 22Page - STMicroelectronics R5972D Datasheet HTML 23Page - STMicroelectronics R5972D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Application information
R5972D
20/35
DocID026873 Rev 1
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20 - 40% of Iomax, which is 0.3 - 0.6 A with
IOmax = 1.5 A. The approximate inductor value is obtained using the following formula:
Equation 20
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT = 3.3 V, VIN = 12 V and IO = 0.45 A, the inductor value is about 22 µH. The peak
current through the inductor is given by:
Equation 21
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed,
a higher inductor value allows a higher value for the output current. In Table 8 some inductor
manufacturers are listed.
Table 7. Output capacitor selection
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR (m
)
Sanyo POSCAP(1)
1. POSCAP capacitors have some characteristics which are very similar to tantalum.
TAE
100 to 470
4 to 16
25 to 35
THB/C/E
100 to 470
4 to 16
25 to 55
AVX
TPS
100 to 470
4 to 35
50 to 200
KEMET
T494/5
100 to 470
4 to 20
30 to 200
Sprague
595D
220 to 390
4 to 20
160 to 650
Table 8. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
DO3316T
15 to 33
2.0 to 3.0
Coiltronics
UP1B
22 to 33
2.0 to 2.4
BI
HM76-3
15 to 33
2.5 to 3.3
Epcos
B82476
15 to 33
2 to 3
Wurth Elektronik
74456115
15 to 33
2.5 to 3
L
VIN VOUT
–

I
---------------------------------- TON
=
IPK
IO
I
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com