Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 30 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 26Page - STMicroelectronics R5972D Datasheet HTML 27Page - STMicroelectronics R5972D Datasheet HTML 28Page - STMicroelectronics R5972D Datasheet HTML 29Page - STMicroelectronics R5972D Datasheet HTML 30Page - STMicroelectronics R5972D Datasheet HTML 31Page - STMicroelectronics R5972D Datasheet HTML 32Page - STMicroelectronics R5972D Datasheet HTML 33Page - STMicroelectronics R5972D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Typical characteristics
R5972D
30/35
DocID026873 Rev 1
9
Typical characteristics
Figure 19. Line regulation
Figure 20. Load regulation
Figure 21. Output voltage vs. junction
temperature
Figure 22. Switching frequency vs. junction
temperature
Figure 23. Quiescent current vs. junction
temperature
Figure 24. Shutdown current vs. junction
temperature
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
00.5
11.5
Io (A)
Vo (V)
Tj = 125°C
Tj = 25°C
Vcc = 12V
Vo = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com