Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 23 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 19Page - STMicroelectronics R5972D Datasheet HTML 20Page - STMicroelectronics R5972D Datasheet HTML 21Page - STMicroelectronics R5972D Datasheet HTML 22Page - STMicroelectronics R5972D Datasheet HTML 23Page - STMicroelectronics R5972D Datasheet HTML 24Page - STMicroelectronics R5972D Datasheet HTML 25Page - STMicroelectronics R5972D Datasheet HTML 26Page - STMicroelectronics R5972D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID026873 Rev 1
23/35
R5972D
Application information
35
The overall losses are:
Equation 25
The junction temperature of device will be:
Equation 26
Where TA is the ambient temperature and RthJ-A is the thermal resistance junction to
ambient.
Considering that the device is mounted on the board with a good ground plane, that it has
a thermal resistance junction to ambient (RthJ-A) of about 65 °C/W, and an ambient
temperature of about 70 °C:
Equation 27
8.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.3: Current protection on page 9). In these conditions, the duty
cycle is strongly reduced and, in most applications, this is enough to limit the current to ILIM.
In any event, in case of heavy short-circuit at the output (VO = 0 V) and depending on the
application conditions (VCC value and parasitic effect of external components) the current
peak could reach values higher than ILIM. This can be understood considering the inductor
current ripple during the ON and OFF phases:
ON phase
Equation 28
OFF phase
Equation 29
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions VOUT is negligible so during TOFF the voltage across the inductor
is very small as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the freewheeling diode) while during TON the voltage applied the
inductor is instead maximized as approximately equal to VIN.
PTOT
RDSON IOUT

2
DVIN IOUT
TSW
FSW VIN IQ=
+
+
=
0.4 1.5
2
0.3 12 1.5
70
10
9
–
250
10
3
12 2.5
10
3
–
+
+
0.615W
=
TJ
TA RthJA
–
PTOT
+
=
TJ
70 0.615 65 110
C
+
=
IL TON
VIN Vout
–
DCRL RDSON
+
 I
–
L
------------------------------------------------------------------------------------ TON

=
IL TOFF
VD Vout DCRL I
++

–
L
--------------------------------------------------------------- TOFF

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com