Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 22 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 18Page - STMicroelectronics R5972D Datasheet HTML 19Page - STMicroelectronics R5972D Datasheet HTML 20Page - STMicroelectronics R5972D Datasheet HTML 21Page - STMicroelectronics R5972D Datasheet HTML 22Page - STMicroelectronics R5972D Datasheet HTML 23Page - STMicroelectronics R5972D Datasheet HTML 24Page - STMicroelectronics R5972D Datasheet HTML 25Page - STMicroelectronics R5972D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application information
R5972D
22/35
DocID026873 Rev 1
compensate for the losses in the overall application. For this reason, the switching losses
related to the RDSON increase compared to an ideal case.
Switching losses due to turning ON and OFF. These are derived using the following
equation:
Equation 23
Where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 12). TSW is the equivalent
switching time.
Figure 12. Switching losses
Quiescent current losses.
Equation 24
Where IQ is the quiescent current.
Example 2
VIN = 12 V
VOUT = 3.3 V
IOUT = 1.5 A
RDS(on) has a typical value of 0.25 at 25 °C and increases up to a maximum value of 0.5. at
150 °C. We can consider a value of 0.4
.
TSW is approximately 70 ns.
IQ has a typical value of 2.5 mA at VIN = 12 V.
PSW
VIN IOUT
TON TOFF
+

2
------------------------------------
FSW VIN
=
IOUT TSW
FSW
=
PQ
VIN IQ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com