Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5972D Datasheet(PDF) 28 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 24Page - STMicroelectronics R5972D Datasheet HTML 25Page - STMicroelectronics R5972D Datasheet HTML 26Page - STMicroelectronics R5972D Datasheet HTML 27Page - STMicroelectronics R5972D Datasheet HTML 28Page - STMicroelectronics R5972D Datasheet HTML 29Page - STMicroelectronics R5972D Datasheet HTML 30Page - STMicroelectronics R5972D Datasheet HTML 31Page - STMicroelectronics R5972D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application information
R5972D
28/35
DocID026873 Rev 1
Figure 17. Negative buck-boost regulator
8.7
Compensation network with MLCC at the output
MLCCs (multiple layer ceramic capacitor) with values in the range of 10 µF - 22 µF and
rated voltages in the range of 10 V - 25 V are available today at relatively low cost from
many manufacturers.
These capacitors have very low ESR values (a few m
) and thus are occasionally used for
the output filter in order to reduce the voltage ripple and the overall size of the application.
However, a very low ESR value affects the compensation of the loop (see Section 7 on page
13) and in order to keep the system stable, a more complicated compensation network may
be required. However, due to the architecture of the internal error amplifier the bandwidth
with this compensation is limited.
That is why output capacitors with a not negligible ESR are suggested. The selection of the
output capacitor have to guarantee that the zero introduced by this component is inside the
designed system bandwidth and close to the frequency of the double pole introduced by the
LC filter. A general rule for the selection of this compound for the system stability is provided
in Equation 41.
Equation 41
Figure 18 shows an example of a compensation network stabilizing the system with ceramic
capacitors at the output (the optimum component value depends on the application).
fZ ESR
1
2
 ESR C
OUT

------------------------------------------------
=
bandwidth
fLC f
Z ESR
10 fLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com