Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 7Page - STMicroelectronics ASM330LXHTR Datasheet HTML 8Page - STMicroelectronics ASM330LXHTR Datasheet HTML 9Page - STMicroelectronics ASM330LXHTR Datasheet HTML 10Page - STMicroelectronics ASM330LXHTR Datasheet HTML 11Page - STMicroelectronics ASM330LXHTR Datasheet HTML 12Page - STMicroelectronics ASM330LXHTR Datasheet HTML 13Page - STMicroelectronics ASM330LXHTR Datasheet HTML 14Page - STMicroelectronics ASM330LXHTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DocID027411 Rev 3
11/56
ASM330LXH
Module specifications
56
An
Acceleration noise density
LA_FS = 2 g
80
Rn
Rate noise density
0.006
ODR
Output data rate
Gyro OFF / ON
800
400
200
100
50
12.5
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Typical zero-g level offset / zero rate offset values after MSL3 preconditioning.
3. Offset can be eliminated by enabling the built-in high-pass filter.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
gHz

dps
Hz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com