Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 29Page - STMicroelectronics ASM330LXHTR Datasheet HTML 30Page - STMicroelectronics ASM330LXHTR Datasheet HTML 31Page - STMicroelectronics ASM330LXHTR Datasheet HTML 32Page - STMicroelectronics ASM330LXHTR Datasheet HTML 33Page - STMicroelectronics ASM330LXHTR Datasheet HTML 34Page - STMicroelectronics ASM330LXHTR Datasheet HTML 35Page - STMicroelectronics ASM330LXHTR Datasheet HTML 36Page - STMicroelectronics ASM330LXHTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
DocID027411 Rev 3
33/56
ASM330LXH
Register mapping
56
5
Register mapping
The tables given below provides a list of the 8/16 bit registers embedded in the device and
the corresponding addresses.
Table 17. Register map
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
-
00
00000000
-
Reserved
RESERVED
-
01
00000001
-
Reserved
RESERVED
-
02
00000010
-
Reserved
RESERVED
-
03
00000011
-
Reserved
ACT_THS
r/w
04
00000100
-
ACT_DUR
r/w
05
00000101
00000000
INT_CFG_XL
r/w
06
00000110
00000000
INT_THS_X_XL
r/w
07
00000111
00000000
INT_THS_Y_XL
r/w
08
00001000
00000000
INT_THS_Z_XL
r/w
09
00001001
00000000
INT_DUR_XL
r/w
0A
00001010
00000000
ORIENT_CFG_G
r/w
0B
00001011
00000000
REFERENCE_G
r/w
0C
00001100
00000000
INT_CTRL
r/w
0D
00001101
00000000
INT pin control
RESERVED
r/w
0E
00001110
00000000
Reserved
WHO_AM_I
r
0F
00001111
01100001
Who I am ID
CTRL1_XL
r/w
10
00010000
00000000
CTRL2_G
r/w
11
00010001
00000000
CTRL3_C
r/w
12
00010010
00000100
CTRL4_C
r/w
13
00010011
00000000
CTRL5_C
r/w
14
00010100
00000000
CTRL6_G
r/w
15
00010101
00000000
CTRL7_G
r/w
16
00010110
00000000
CTRL8_XL
r/w
17
00010111
00000000
CTRL9_XL
r/w
18
00011000
00111000
CTRL10_C
r/w
19
00011001
00111000
FIFO_CTRL
r/w
1A
00011010
00000000
RESERVED
-
1B
00011011
-
Reserved
RESERVED
-
1C
00011100
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com