Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 46Page - STMicroelectronics ASM330LXHTR Datasheet HTML 47Page - STMicroelectronics ASM330LXHTR Datasheet HTML 48Page - STMicroelectronics ASM330LXHTR Datasheet HTML 49Page - STMicroelectronics ASM330LXHTR Datasheet HTML 50Page - STMicroelectronics ASM330LXHTR Datasheet HTML 51Page - STMicroelectronics ASM330LXHTR Datasheet HTML 52Page - STMicroelectronics ASM330LXHTR Datasheet HTML 53Page - STMicroelectronics ASM330LXHTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Register description
ASM330LXH
50/56
DocID027411 Rev 3
6.25
STATUS_REG (1Fh)
Status register (r).
Table 76. STATUS_REG register
Table 75. FIFO_SRC example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
000000
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register FIFO_CTRL
(1Ah), FTH value is ‘1’.
0
0
000011 unread sample
...
--(1)
0
1
0000032 unread sample
1
1
100000
At least one sample has
been overwritten
0
IG_XL
0
INACT
BOOT_
STATUS
TDA
GDA
XLDA
Table 77. STATUS_REG register description
IG_XL
Accelerometer interrupt output signal.
(0: no interrupt has been generated; 1: one or more interrupt events have been gener-
ated)
INACT
Inactivity interrupt output signal.
(0: no interrupt has been generated; 1: one or more interrupt events have been gener-
ated)
BOOT_
STATUS
Boot running flag signal.
(0: no boot running; 1: boot running)
TDA
Temperature sensor new data available.
(0: a new data is not yet available; 1: a new data is available)
GDA
Gyroscope new data available.
(0: a new set of data is not yet available; 1: a new set of data is available)
XLDA
Accelerometer new data available.
(0: a new set of data is not yet available; 1: a new set of data is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com