Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 44Page - STMicroelectronics ASM330LXHTR Datasheet HTML 45Page - STMicroelectronics ASM330LXHTR Datasheet HTML 46Page - STMicroelectronics ASM330LXHTR Datasheet HTML 47Page - STMicroelectronics ASM330LXHTR Datasheet HTML 48Page - STMicroelectronics ASM330LXHTR Datasheet HTML 49Page - STMicroelectronics ASM330LXHTR Datasheet HTML 50Page - STMicroelectronics ASM330LXHTR Datasheet HTML 51Page - STMicroelectronics ASM330LXHTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Register description
ASM330LXH
48/56
DocID027411 Rev 3
6.22
FIFO_CTRL (1Ah)
FIFO Control Register (r/w).
Table 68. FIFO_CTRL register
Table 67. CTRL10_C register description
Zen_G
Gyroscope’s yaw axis (Z) output enable. Default value: 1.
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_G
Gyroscope’s roll axis (Y) output enable. Default value: 1.
(0: Y-axis output disabled; 1: Y-axis output enabled)
Xen_G
Gyroscope’s pitch axis (X) output enable. Default value: 1.
(0: X-axis output disabled; 1: X-axis output enabled)
DCRM_XL
Interrupt duration counter reset mode selection. Default value: 0.
(0: counter is reset; 1: duration counter is decremented by 1LSB)
LIR_XL
Latched interrupt. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
4D_XL
4D option enabled on Interrupt. Default value: 0.
(0: interrupt generator uses 6D for position recognition; 1: interrupt generator uses
4D for position recognition)
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 69. FIFO_CTRL register description
FMODE [2:0]
FIFO mode selection bits. Default value: 000.
For further details refer to Table 70.
FTH [4:0]
FIFO threshold level setting. Default value: 0 0000.
Table 70. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stop collecting data when FIFO is full.
0
1
0
Stream mode. If the FIFO is full, the new sample overwrites
the older sample.
0
1
1
Stream mode until trigger is deasserted, then FIFO mode.
1
0
0
Bypass mode until trigger is deasserted, then Stream mode.
1
1
0
Dynamic Stream mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com