Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 36Page - STMicroelectronics ASM330LXHTR Datasheet HTML 37Page - STMicroelectronics ASM330LXHTR Datasheet HTML 38Page - STMicroelectronics ASM330LXHTR Datasheet HTML 39Page - STMicroelectronics ASM330LXHTR Datasheet HTML 40Page - STMicroelectronics ASM330LXHTR Datasheet HTML 41Page - STMicroelectronics ASM330LXHTR Datasheet HTML 42Page - STMicroelectronics ASM330LXHTR Datasheet HTML 43Page - STMicroelectronics ASM330LXHTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Register description
ASM330LXH
40/56
DocID027411 Rev 3
ODR_XL [2:0] is used to set power mode and ODR selection. The following table Table 41:
ODR register setting indicates all available frequencies when only the accelerometer is
activated.
When BW_SCAL_ODR is set to ‘0’, the bandwidth is determined by the ODR selection.
Table 42: BW and ODR (normal mode) indicates the bandwidth for all available frequencies.
6.13
CTRL2_G (11h)
Angular rate sensor Control Register 2 (r/w).
Table 43. CTRL2_G register
Table 44. CTRL2_G register description
Table 41. ODR register setting
ODR_XL2
ODR_XL1
ODR_XL0
ODR selection [Hz]
0
0
0
Power down
0
0
1
12.5 Hz
0
1
0
50 Hz
0
1
1
100 Hz
1
0
0
200 Hz
1
0
1
400 Hz
1
1
0
800 Hz
1
1
1
n.a.
Table 42. BW and ODR (normal mode)
BW
ODR selection [Hz]
380
800 Hz, 50 Hz, 12.5 Hz
190
400 Hz
95
200 Hz
47.5
100 Hz
ODR_G2
ODR_G1
ODR_G0
FS_G1
FS_G0
FS_125
BW_G1
BW_G0
ODR_G [2:0]
Gyroscope output data rate selection. Default value: 000.
(Refer toTable 45 and Table 46)
FS_G [1:0]
Gyroscope full-scale selection. Default value: 00.
(00: 245 dps; 01: 500 dps; 10: 1000 dps; 11: 2000 dps)
FS_125
Gyroscope full scale at 125 dps. Default value: 0.
(0: disabled; 1: enabled)
BW_G [1:0]
Gyroscope bandwidth selection. Default value: 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com