Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 43Page - STMicroelectronics ASM330LXHTR Datasheet HTML 44Page - STMicroelectronics ASM330LXHTR Datasheet HTML 45Page - STMicroelectronics ASM330LXHTR Datasheet HTML 46Page - STMicroelectronics ASM330LXHTR Datasheet HTML 47Page - STMicroelectronics ASM330LXHTR Datasheet HTML 48Page - STMicroelectronics ASM330LXHTR Datasheet HTML 49Page - STMicroelectronics ASM330LXHTR Datasheet HTML 50Page - STMicroelectronics ASM330LXHTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
DocID027411 Rev 3
47/56
ASM330LXH
Register description
56
6.20
CTRL9_XL (18h)
Linear acceleration sensor Control Register 9 (r/w).
6.21
CTRL10_C (19h)
Control Register 10 (r/w).
FDS
Filtered data selection. Default value: 0.
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS
High-pass filter enabled for accelerometer interrupt function on Interrupt 1. Default
value: 0.
(0: filter bypassed; 1: filter enabled)
Table 63. Low pass cut-off frequency in high-resolution mode (HR = 1)
CTRL8_XL (HR)
CTRL8_XL (DCF [1:0])
LP cutoff freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400
Table 62. CTRL8_XL register description (continued)
Table 64. CTRL9_XL register
DEC_1
DEC_0
Zen_XL
Yen_XL
Xen_XL
0
0
0
Table 65. CTRL9_XL register description
DEC_ [1:0]
Decimation of acceleration data on OUT REG and FIFO. Default value: 00.
(00: no decimation;
01: update every 2 samples;
10: update every 4 samples;
11: update every 8 samples)
Zen_XL
Accelerometer’s Z-axis output enable. Default value: 1.
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_XL
Accelerometer’s Y-axis output enable. Default value: 1.
(0: Y-axis output disabled; 1: Y-axis output enabled)
Xen_XL
Accelerometer’s X-axis output enable. Default value: 1.
(0: X-axis output disabled; 1: X-axis output enabled)
Table 66. CTRL10_C register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
Zen_G
Yen_G
Xen_G
DCRM_XL
LIR_XL
4D_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com