Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 1 Page - STMicroelectronics

  ASM330LXHTR Datasheet HTML 1Page - STMicroelectronics ASM330LXHTR Datasheet HTML 2Page - STMicroelectronics ASM330LXHTR Datasheet HTML 3Page - STMicroelectronics ASM330LXHTR Datasheet HTML 4Page - STMicroelectronics ASM330LXHTR Datasheet HTML 5Page - STMicroelectronics ASM330LXHTR Datasheet HTML 6Page - STMicroelectronics ASM330LXHTR Datasheet HTML 7Page - STMicroelectronics ASM330LXHTR Datasheet HTML 8Page - STMicroelectronics ASM330LXHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2015
DocID027411 Rev 3
1/56
ASM330LXH
Automotive inertial module:
3D accelerometer and 3D gyroscope
Datasheet
- preliminary data
Features
 Analog supply voltage: 2.0 V to 3.6 V
 Independent IOs supply (2.0 V) and supply
voltage compatible
 Power-down and sleep modes
 3 independent acceleration channels and 3
angular rate channels
 ±2/±4/±8/±16 g selectable full scales
 ±125/±245/±500/±1000/±2000 dps selectable
full scales
 SPI/I2C serial interface
 Embedded temperature sensor
 Embedded FIFOs
 ECOPACK® RoHS and “Green” compliant
 AEC-Q100 qualification
Applications
 GPS-assisted car navigation
 Telematics, eTolling
 Anti-theft systems
 Impact recognition and logging
 Motion-activated functions
 Vibration monitoring and compensation
 Appliances and robotics
Description
The ASM330LXH is a system-in-package
featuring a 3D digital accelerometer and a 3D
digital gyroscope. ST’s family of MEMS sensor
modules leverages the robust and mature
manufacturing processes already used for the
production of micromachined accelerometers and
gyroscopes.
The various sensing elements are manufactured
using specialized micromachining processes,
while the IC interfaces are developed using
CMOS technology that allows the design of a
dedicated circuit which is trimmed to better match
the characteristics of the sensing element.
The ASM330LXH has a user-selectable full scale
acceleration range of ±2/±4/±8/±16 g and an
angular rate range of
±125/±245/±500/±1000/±2000 dps. The
ASM330LXH has two operating modes in that the
accelerometer and gyroscope sensors can be
either activated at the same ODR or the
accelerometer can be enabled while the
gyroscope is in power down.
The ASM330LXH is available in a plastic land grid
array (LGA) package.
LGA-16L (3x3x1.1mm
)
Table 1. Device summary
Part number
Temp.
range
[°C]
Package
Packing
ASM330LXH
-40 to +85
LGA-16L
(3x3x1.1mm)
Tray
ASM330LXHTR -40 to +85
Tape
and reel
www.st.com


Similar Part No. - ASM330LXHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHB STMICROELECTRONICS-ASM330LHB Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
ASM330LHBG1 STMICROELECTRONICS-ASM330LHBG1 Datasheet
5Mb / 130P
High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
29-Nov-2023
ASM330LHBTR STMICROELECTRONICS-ASM330LHBTR Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
ASM330LHH STMICROELECTRONICS-ASM330LHH Datasheet
1Mb / 84P
Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
06-May-2020
ASM330LHHX STMICROELECTRONICS-ASM330LHHX Datasheet
2Mb / 5P
ASM330LHHX adapter board for a standard DIL 24 socket
More results

Similar Description - ASM330LXHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ASM330LHH STMICROELECTRONICS-ASM330LHH Datasheet
1Mb / 84P
Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
06-May-2020
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com