Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 22Page - STMicroelectronics ASM330LXHTR Datasheet HTML 23Page - STMicroelectronics ASM330LXHTR Datasheet HTML 24Page - STMicroelectronics ASM330LXHTR Datasheet HTML 25Page - STMicroelectronics ASM330LXHTR Datasheet HTML 26Page - STMicroelectronics ASM330LXHTR Datasheet HTML 27Page - STMicroelectronics ASM330LXHTR Datasheet HTML 28Page - STMicroelectronics ASM330LXHTR Datasheet HTML 29Page - STMicroelectronics ASM330LXHTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Digital main block
ASM330LXH
26/56
DocID027411 Rev 3
3.3.2
Edge-sensitive trigger
An edge-sensitive trigger can be enabled by setting the EXTRen bit to ‘1’ in CTRL6_G (15h)
while the LVLen bit in CTRL6_G (15h) and the IMPen bit in CTRL6_G (15h) have to be set
to ‘0’.
Once enabled, FIFO is filled with the pitch, roll and yaw data on the rising edge of the G_EN
input signal. When the ODR selected is 800 Hz, the maximum G_EN sampling frequency is
fG_EN =1/TG_EN = 400 Hz.
Figure 15. Edge-sensitive trigger
3.3.3
Impulse-sensitive trigger
An impulse-sensitive trigger can be enabled by setting the LVLen bit to ‘1’ in CTRL6_G
(15h) and the IMPen bit in CTRL6_G (15h) while the EXTRen bit in CTRL6_G (15h) has to
be set to ‘0’.
If the duration of the G_EN pulse is shorter than the selected ODR, the impulse-sensitive
trigger functionality has to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com