Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXHTR Datasheet(PDF) 46 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 42Page - STMicroelectronics ASM330LXHTR Datasheet HTML 43Page - STMicroelectronics ASM330LXHTR Datasheet HTML 44Page - STMicroelectronics ASM330LXHTR Datasheet HTML 45Page - STMicroelectronics ASM330LXHTR Datasheet HTML 46Page - STMicroelectronics ASM330LXHTR Datasheet HTML 47Page - STMicroelectronics ASM330LXHTR Datasheet HTML 48Page - STMicroelectronics ASM330LXHTR Datasheet HTML 49Page - STMicroelectronics ASM330LXHTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Register description
ASM330LXH
46/56
DocID027411 Rev 3
6.19
CTRL8_XL (17h)
Linear acceleration sensor Control Register 8 (r/w).
Table 59. Gyroscope high-pass filter mode configuration
HPM1_G
HPM0_G
High-pass filter mode
0
0
Normal mode (reset by reading REFERENCE_G (0Ch) register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Auto-reset on interrupt event
Table 60. Gyroscope high-pass filter cutoff frequency configuration [Hz](1)
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
HPCF_G [3:0]
ODR= 12.5
Hz
ODR= 50
Hz
ODR= 100
Hz
ODR= 200
Hz
ODR= 400
Hz
ODR= 800
Hz
0000
14815
30
57
0001
0.5
24815
30
0010
0.2
124815
0011
0.1
0.5
1248
0100
0.05
0.2
0.5
1
2
4
0101
0.02
0.1
0.2
0.5
1
2
0110
0.01
0.05
0.1
0.2
0.5
1
0111
0.005
0.02
0.05
0.1
0.2
0.5
1000
0.002
0.01
0.02
0.05
0.1
0.2
1001
0.001
0.005
0.01
0.02
0.05
0.1
Table 61. CTRL8_XL register
HR
DCF_XL1
DCF_XL0
HPM_XL1
HPM_XL0
FDS
0
HPIS
Table 62. CTRL8_XL register description
HR
High-resolution mode for accelerometer enable. Default value: 0.
(0: disabled; 1: enabled) Refer to Table 63
DCF_XL
[1:0]
Accelerometer digital filter (high-pass and low-pass) cutoff frequency selection: the
bandwidth of the high-pass filter depends on the selected ODR. Refer to Table 63
HPM_XL
[1:0]
Accelerometer high-pass filter mode selection. Default value: 00.
(00: Normal mode:
01: Reference signal for filtering;
10: Normal mode;
11: Auto-reset on interrupt event)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com