Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 3Page - STMicroelectronics L6984 Datasheet HTML 4Page - STMicroelectronics L6984 Datasheet HTML 5Page - STMicroelectronics L6984 Datasheet HTML 6Page - STMicroelectronics L6984 Datasheet HTML 7Page - STMicroelectronics L6984 Datasheet HTML 8Page - STMicroelectronics L6984 Datasheet HTML 9Page - STMicroelectronics L6984 Datasheet HTML 10Page - STMicroelectronics L6984 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID025378 Rev 3
7/34
L6984
Electrical characteristics
34
2
Electrical characteristics
TJ = 25 °C, VIN = VEN = 12 V, VBIAS = 3.3 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VIN
Operating input voltage range
4.5
36
V
VIN_UVLO UVLO thresholds
rising edge VCC regulator
VBIAS = GND
3.1
3.8
4.5
falling edge VCC regulator
VBIAS = GND
2.9
3.6
4.3
VOUT
Fixed output voltage valley
regulation
FB = VCC, no load
3.23
3.3
3.37
VFB
Adjustable output voltage
valley regulation
No load, VBIAS = 3.3 V
0.88
0.9
0.92
RDSON HS High-side RDSON
ISW = 0.1 A
0.9
1.3
1.7
RDSON LS Low-side RDSON
ISW = 0.1 A
0.6
1.0
1.4
Current limit and zero crossing comparator
IVY
Valley current limit
350
400
470
mA
IZCD
Zero crossing current threshold
(1)
12
27
46
VCC regulator
VCC
VCC voltage
VFB = 1 V, VBIAS = GND
3
3.8
4.6
V
VBIAS
VBIAS falling threshold
2.4
2.6
2.8
VBIAS rising threshold
2.6
2.9
3.2
Power consumption
ISHTDWN Shutdown current from VIN
EN = GND
3
13
22
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com