Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 9Page - STMicroelectronics L6984 Datasheet HTML 10Page - STMicroelectronics L6984 Datasheet HTML 11Page - STMicroelectronics L6984 Datasheet HTML 12Page - STMicroelectronics L6984 Datasheet HTML 13Page - STMicroelectronics L6984 Datasheet HTML 14Page - STMicroelectronics L6984 Datasheet HTML 15Page - STMicroelectronics L6984 Datasheet HTML 16Page - STMicroelectronics L6984 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID025378 Rev 3
13/34
L6984
Device description
34
Figure 5. L6984 application circuit
Laplace transformer of the leading network:
Equation 3
where:
Equation 4
The R2, R3 compose the voltage divider. CR3 is calculated as (see Section 4.3.2: COUT
specification and loop stability on page 26 for COUT selection):
Equation 5
3.2
Control loop
The L6984 device is based on a constant on-time control loop with frequency feed-forward
correction over the input range. As a consequence the on-time generator compensates the
input voltage variations in order to keep the switching frequency almost constant over the
input voltage range.
GDIV s

R2
R2 R3
+
--------------------
1s R3 CR3

+

1s
R2 R3
R2 R3
+
-------------------- CR3

+


-----------------------------------------------------------
=
fZ
1
2
 R
3 CR3

--------------------------------------
=
fP
1
2
R2 R3
R2 R3
+
-------------------- CR3

---------------------------------------------------
=
fZ fP
CR3
28 10
3
VOUT COUT
R3
----------------------------------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com