Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 15Page - STMicroelectronics L6984 Datasheet HTML 16Page - STMicroelectronics L6984 Datasheet HTML 17Page - STMicroelectronics L6984 Datasheet HTML 18Page - STMicroelectronics L6984 Datasheet HTML 19Page - STMicroelectronics L6984 Datasheet HTML 20Page - STMicroelectronics L6984 Datasheet HTML 21Page - STMicroelectronics L6984 Datasheet HTML 22Page - STMicroelectronics L6984 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID025378 Rev 3
19/34
L6984
Device description
34
Figure 12. The regulator works in CCM
3.5
Switchover feature
The switch over maximizes the efficiency at the light load that is crucial for LCM
applications.
The main switching controller is supplied by the VCC pin regulator
An integrated LDO regulates VCC = 3.3 V if VBIAS voltage is < 2.4 V.
VCC is connected to VBIAS through a MOSFET switch if VBIAS > 3.2 V and the embedded
LDO is disabled to increase the light load efficiency.
3.5.1
LCM
The LCM operation satisfies the requirements of battery powered applications where it is
crucial to increase the efficiency at the light load.
In order to minimize the regulator quiescent current request from the input voltage, the
VBIAS pin can be connected to an external voltage source in the range 3 V < VBIAS < 5.5 V.
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current
drawn from the input voltage can be calculated as:
Equation 11
where IQ OP VIN, IQ OP VBIAS are defined in Table 5: Electrical characteristics on page 7 and
L6984 is the efficiency of the conversion in the working point.
IQ VIN
IQ OP VIN
1
L6984
----------------
VBIAS
VIN
-------------- IQ OP VBIAS

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com