Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 16Page - STMicroelectronics L6984 Datasheet HTML 17Page - STMicroelectronics L6984 Datasheet HTML 18Page - STMicroelectronics L6984 Datasheet HTML 19Page - STMicroelectronics L6984 Datasheet HTML 20Page - STMicroelectronics L6984 Datasheet HTML 21Page - STMicroelectronics L6984 Datasheet HTML 22Page - STMicroelectronics L6984 Datasheet HTML 23Page - STMicroelectronics L6984 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Device description
L6984
20/34
DocID025378 Rev 3
3.5.2
LNM
Equation 11 is also valid when the device works in LNM and it can boost the efficiency at the
medium load since the regulator always operates in continuous conduction mode.
3.6
Overcurrent protection
The current protection circuitry features a constant current protection, so the device limits
the maximum current (see Table 5: Electrical characteristics on page 7) in overcurrent
condition.
The low-side switch pulse-by-pulse current sensing, called “valley”, implements the constant
current protection. In overcurrent condition the internal logic keeps the low-side switch
conducting as long as the switch current is higher than the valley current threshold.
As a consequence the maximum DC output current is:
Equation 12
Figure 13. Constant current operation in dynamic short-circuit
IMAX
IVALLEY_TH
IRIPPLE
2
--------------------
+
IVALLEY_TH
VIN VOUT
–
L
------------------------------ TON
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com