Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 12Page - STMicroelectronics L6984 Datasheet HTML 13Page - STMicroelectronics L6984 Datasheet HTML 14Page - STMicroelectronics L6984 Datasheet HTML 15Page - STMicroelectronics L6984 Datasheet HTML 16Page - STMicroelectronics L6984 Datasheet HTML 17Page - STMicroelectronics L6984 Datasheet HTML 18Page - STMicroelectronics L6984 Datasheet HTML 19Page - STMicroelectronics L6984 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Device description
L6984
16/34
DocID025378 Rev 3
3.3
Soft-start
The soft-start feature minimizes the inrush current and decreases the stress of the power
components during the power-up phase. The L6984 implements the soft-start clamping the
device current limitation in four different steps.
During normal operation a new soft-start cycle takes place in case of:
Thermal shutdown event
UVLO event
EN pin rising
Figure 7 shows the soft-start feature. The green trace represents the inductor current which
shows different current protection thresholds.
Figure 7. Soft-start feature
3.4
Light load operation
The LNM pinstrapping during the power-up phase determines the light load operation.
3.4.1
Low noise mode (LNM)
Low noise mode implements a forced PWM operation over the different loading conditions.
The LNM features a constant switching frequency to minimize the noise in the final
application and a constant voltage ripple at fixed VIN. The regulator in steady loading
condition never skips pulses and it operates in continuous conduction mode (CCM) over the
different loading conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com