Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 10Page - STMicroelectronics L6984 Datasheet HTML 11Page - STMicroelectronics L6984 Datasheet HTML 12Page - STMicroelectronics L6984 Datasheet HTML 13Page - STMicroelectronics L6984 Datasheet HTML 14Page - STMicroelectronics L6984 Datasheet HTML 15Page - STMicroelectronics L6984 Datasheet HTML 16Page - STMicroelectronics L6984 Datasheet HTML 17Page - STMicroelectronics L6984 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Device description
L6984
14/34
DocID025378 Rev 3
A standard COT loop requires a high ESR output capacitor to generate a proper PWM
signal. The L6984 device supports output ceramic capacitors with negligible ESR.
The controller generates a TON duration switching pulse as soon as the voltage ripple drops
below the valley voltage threshold. The L6984 on-time is calculated as:
Equation 6
where RTON represents the external resistor connected between VIN, TON pins and CTON
the overall contribution given by the integrated capacitor and the parasitic capacitor of the
board trace at the pin 3.
CTON value for the L6984 soldered on the STM evaluation board is 7.5 pF typical, anyway it
depends on the parasitic capacitance connected at the pin 3 (TON) that changes over the
different board layouts. If the final application requires precise TON adjustment, a further
fine tune for RTON value may be required accordingly with the designed board layout. This is
simply done adjusting the RTON value to get the desired TON value with direct scope
measurement.
The L6984 internal circuitry compensates the TOFF time variation over the input voltage
range to keep the switching frequency almost constant.
The almost constant switching frequency depends on the output current and it can be
calculated as:
Equation 7
where DREAL is the real duty cycle accounting conduction losses:
Equation 8
RON_HS and RON_LS represent the RDSON value of the embedded power elements (see
Table 5 on page 7) and DCR the equivalent series resistor of the selected inductor.
The L6984 small signal loop compensates the internal losses, that depends on the output
current value, adjusting the TOFF time so the switching frequency.
Finally from Equation 6 and Equation 7:
Equation 9
where fSW is the desired switching frequency at a certain load current level.
TON
0.9 RTON CTON

VIN
-----------------------------------------------
0.9 RTON 7.5pF

VIN
------------------------------------------------
=
=
fSW IOUT

DREAL IOUT

TON
----------------------------------
=
DREAL IOUT

VOUT
RON_LS DCR
+
 I
OUT
+
VIN
RON_LS RON_HS
–
 I
OUT
+
------------------------------------------------------------------------------------
=
RTON
1
0.9
--------
VIN DREAL IOUT
*

fSW CTON
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com