Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 21Page - STMicroelectronics L6984 Datasheet HTML 22Page - STMicroelectronics L6984 Datasheet HTML 23Page - STMicroelectronics L6984 Datasheet HTML 24Page - STMicroelectronics L6984 Datasheet HTML 25Page - STMicroelectronics L6984 Datasheet HTML 26Page - STMicroelectronics L6984 Datasheet HTML 27Page - STMicroelectronics L6984 Datasheet HTML 28Page - STMicroelectronics L6984 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DocID025378 Rev 3
25/34
L6984
Design of the power components
34
In the table below some inductor part numbers are listed.
4.3
Output capacitor selection
4.3.1
Output voltage ripple
The triangular shape current ripple (with zero average value) flowing into the output
capacitor gives the output voltage ripple, that depends on the capacitor value and the
equivalent resistive component (ESR). As a consequence the output capacitor has to be
selected in order to have a voltage ripple compliant with the application requirements.
The voltage ripple equation can be calculated as:
Equation 22
Usually the resistive component of the ripple can be neglected if the selected output
capacitor is a multilayer ceramic capacitor (MLCC).
For example with VOUT = 3.3 V, VIN = 12 V, IL = 0.12 A, fSW = 600 kHz (resulting by the
inductor value) and COUT = 4.7 F MLCC:
Equation 23
The output capacitor value has a key role to sustain the output voltage during a steep load
transient. When the load transient slew rate exceeds the system bandwidth, the output
capacitor provides the current to the load. In case the final application specifies a high slew
rate load transient, the system bandwidth must be maximized and the output capacitor has
to sustain the output voltage for time response shorter than the loop response time.
Table 7. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
LPS6225
47 to 150
0.98 to 0.39
LPS5030
10 to 47
1.4 to 0.5
V
OUT
ESR
I
MAX
I
MAX
8COUT fSW

-------------------------------------
+
=
V
OUT
VOUT
------------------
1
VOUT
--------------
I
MAX
8COUT fSW

-------------------------------------
1
3.3
--------
0.12
84.7
F600kHz

-------------------------------------------------


5mV
3.3
-------------
=
0.15%
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com