Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 1 Page - STMicroelectronics

  L6984 Datasheet HTML 1Page - STMicroelectronics L6984 Datasheet HTML 2Page - STMicroelectronics L6984 Datasheet HTML 3Page - STMicroelectronics L6984 Datasheet HTML 4Page - STMicroelectronics L6984 Datasheet HTML 5Page - STMicroelectronics L6984 Datasheet HTML 6Page - STMicroelectronics L6984 Datasheet HTML 7Page - STMicroelectronics L6984 Datasheet HTML 8Page - STMicroelectronics L6984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
July 2014
DocID025378 Rev 3
1/34
L6984
36 V 400 mA synchronous step-down switching regulator
Datasheet
- production data
Features
 400 mA DC output current
 4.5 V to 36 V operating input voltage
 Synchronous rectification
 Low consumption mode or low noise mode
 100 µA IQ at light load (LCM VOUT = 3.3 V)
 13 µA IQ-SHTDWN
 Adjustable fSW (250 kHz - 600 kHz)
 Output voltage adjustable from 0.9 V
 No resistor divider required for 3.3 V VOUT
 VBIAS maximizes efficiency at light load
 350 mA valley current limit
 Constant on-time control scheme
 PGOOD open collector
 Thermal shutdown
Application
 Automotive systems (LCM)
 Battery powered applications (LCM)
 Car audio and low noise applications (LNM)
 Sensors (LNM)
 E- metering
Description
The L6984 is a step-down monolithic switching
regulator able to deliver up to 400 mA DC. The
output voltage adjustability ranges from 0.9 V. The
fixed 3.3 V VOUT requires no external resistor
divider. The “Low Consumption Mode” (LCM) is
designed for applications active during car
parking, so it maximizes the efficiency at light load
with controlled output voltage ripple. The “Low
Noise Mode” (LNM) makes the switching
frequency almost constant over the load current
range, serving low noise application specification
like car audio/sensors. The PGOOD open
collector output can implement output voltage
sequencing during the power-up phase. The
synchronous rectification, designed for high
efficiency at medium - heavy load, and the high
switching frequency capability make the size of
the application compact. Pulse-by-pulse current
sensing on low-side power element implements
an effective constant current protection.
Figure 1. Application schematic
VDFPN10 3 x 3 x 1.0 mm
VFDFPN10 4 x 4 x 1.0 mm
www.st.com


Similar Part No. - L6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6982CDR STMICROELECTRONICS-L6982CDR Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6982NDR STMICROELECTRONICS-L6982NDR Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
More results

Similar Description - L6984

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
Synchronous Step-Down Switching Regulator Controller
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
36 V, 400 mA automotive synchronous step-down switching regulator
02-Mar-2017
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com