Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 5 Page - STMicroelectronics

  L6984 Datasheet HTML 1Page - STMicroelectronics L6984 Datasheet HTML 2Page - STMicroelectronics L6984 Datasheet HTML 3Page - STMicroelectronics L6984 Datasheet HTML 4Page - STMicroelectronics L6984 Datasheet HTML 5Page - STMicroelectronics L6984 Datasheet HTML 6Page - STMicroelectronics L6984 Datasheet HTML 7Page - STMicroelectronics L6984 Datasheet HTML 8Page - STMicroelectronics L6984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DocID025378 Rev 3
5/34
L6984
Pin settings
34
1.3
Maximum ratings
Stressing the device above the rating listed in Table 2: Absolute maximum ratings may
cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions
above those indicated in Table 5 of this specification is not implied.
Exposure to absolute maximum rating conditions may affect device reliability.
Table 2. Absolute maximum ratings
1.4
Thermal data
Table 3. Thermal data
Symbol
Description
Min.
Max.
Unit
VIN
see Table 1
-0.3
40
V
EN
-0.3
VIN + 0.3
LX
TON
VCC
-0.3
6
VBIAS
PGOOD
-0.3
VCC + 0.3
FB
LNM
TJ
Operating temperature range
-40
150
°C
TSTG
Storage temperature range
-55 to 150
TLEAD
Lead temperature (soldering
10 sec.)
260
IHS, ILS
High-side RMS switch current
420
mA
Low-side RMS switch current
500
Symbol
Parameter
Value
Unit
Rth JA
Thermal resistance junction ambient
(device soldered on the STMicroelectronics®
evaluation board)
50
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com