Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 5Page - STMicroelectronics L9959T Datasheet HTML 6Page - STMicroelectronics L9959T Datasheet HTML 7Page - STMicroelectronics L9959T Datasheet HTML 8Page - STMicroelectronics L9959T Datasheet HTML 9Page - STMicroelectronics L9959T Datasheet HTML 10Page - STMicroelectronics L9959T Datasheet HTML 11Page - STMicroelectronics L9959T Datasheet HTML 12Page - STMicroelectronics L9959T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DocID023416 Rev 6
9/43
L9959S, L9959T
Pins description
Table 3. L9959T (Two H-Bridge drivers in one package) pinout
Pin
Symbol
Function
13, 14,
VS2(1)
Power supply voltage for power stage outputs (external reverse protection required):
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected.
31, 32
VS1(1)
1PGND1(2)
Ground:
Important: For the capability of driving the full current at the outputs, all ground pins must be
externally connected.
19
PGND2(2)
11, 29
CAP3V3
Pin for external capacitor:
This capacitor is used for the internal 3.3 V controller. A capacitance between 60 nF and
150 nF (typical 100 nF) is required and has to be connected close to this pin with low
inductance and resistance.
12
VDD1(3)
VDD Supply: 5V Supply.
30
VDD2(3)
9
GNDABE1
Sense Ground for VDD monitoring
27
GNDABE2
10, 28
AGND
Device Ground
2OUT11
Bridge output 11, 12, 21, and 22:
The bridge outputs are built of a high-side p-channel and a low-side n-channel transistor.
The bridge outputs of chip 1 are OUT11 and OUT12, of chip 2 OUT21 and OUT22.
36
OUT12
20
OUT21
18
OUT22
34
DIR1
Direction input 1:
DIR1 pin controls the switch direction of OUT11 and OUT12.
35
PWM1
PWM input 1:
PWM1 input switches OUT11 and OUT12.
33
DIS1
Disable input 1:
DIS1 switches OUT11 and OUT12 to tristate
8
/ABE1
Bidirectional Ability/Enable Pin 1:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off. /ABE1 belongs to chip 1.
16
DIR2
Direction input 2:
DIR2 pin controls the switch direction of OUT21 and OUT22.
17
PWM2
PWM input 2:
PWM1 input switches OUT21 and OUT22.
15
DIS2
Disable input 2:
DIS2 switches OUT21 and OUT22 to tristate.
26
/ABE2
Bidirectional Ability/Enable Pin 2:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off. /ABE2 belongs to chip 2.
7
CF1
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current. CF1 belongs to OUT11 and OUT12, CF2 to OUT21
and OUT22.
25
CF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com