Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 18Page - STMicroelectronics L9959T Datasheet HTML 19Page - STMicroelectronics L9959T Datasheet HTML 20Page - STMicroelectronics L9959T Datasheet HTML 21Page - STMicroelectronics L9959T Datasheet HTML 22Page - STMicroelectronics L9959T Datasheet HTML 23Page - STMicroelectronics L9959T Datasheet HTML 24Page - STMicroelectronics L9959T Datasheet HTML 25Page - STMicroelectronics L9959T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Application information
L9959S, L9959T
22/43
DocID023416 Rev 6
Figure 10. PWM mode output voltage
During PWM mode the high-side (e.g. Figure 9 HS1) output is switched off with a slow slew
rate until it is off and the low-side body-diode has taken over the entire current. Then the
associated low-side transistor (e.g. Figure 9 LS1) is turned on with a fast slope to reduce the
voltage across the device and to minimize the power.
The output is pulled to high voltage, by first turning off the low-side driver with a fast slew
rate and, after it is off, the high-side driver is switched on by a slow one (e.g. Figure 9 LS1,
HS1).
This assures, that the voltage and current change over the body diode is done smoothly,
reducing the electromagnetic emission.
Figure 11. DIR-change (current is changing its direction)
Figure 12. DIR-change current flow phase 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com