Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 35Page - STMicroelectronics L9959T Datasheet HTML 36Page - STMicroelectronics L9959T Datasheet HTML 37Page - STMicroelectronics L9959T Datasheet HTML 38Page - STMicroelectronics L9959T Datasheet HTML 39Page - STMicroelectronics L9959T Datasheet HTML 40Page - STMicroelectronics L9959T Datasheet HTML 41Page - STMicroelectronics L9959T Datasheet HTML 42Page - STMicroelectronics L9959T Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
DocID023416 Rev 6
41/43
L9959S, L9959T
Revision history
8
Revision history
Table 36. Document revision history
Date
Revision
Changes
06-Jul-2012
1
Initial release.
13-Sep-2012
2
Updated Features and Description on page 1.
17-Dec 2012
3
Updated Table 12: Power output switching times (8 V < VS < 18 V):
changed limits for DovoutHS/dt (2.8 - 8) V/µs.
Updated Table 13: Current feedback (CF):
changed LSL for CF voltage range to 0.03V for VS > 6.5 V, OUTx = 0
A, TJ = -40 °C; Current level 2,3,4.
Updated Table 9, 12, 14, 16, 17 and 18:
added “Guaranteed through scan " for the following filters: tb , ttrans,
td dis, td pwon, td en, tFIL_OFF, tFIL_ON, tdelay retest, tDIAGOL, tDIAGOL1,
tDIAGOL2.
Updated Table 9 added limits for //ABE input pulldown current in
range 0V < VABE < 1.5V .
Updated Table 20: Input pin disturbances, added " Not tested in
production".
31-May-2013
4
Modified limits for Tdelay_retest [LSL =290µs, 410µs] at page 18.
Modified bit #4 and #5 in DIA_REG at page 28.
Changed note for BIT6 in STATCON_REG register at page 35.
Changed in table 25 at pag.31 addresses for RD_SPECIAL /
WR_SPECIAL.
Added Section 6: Application circuit on page 38.
Updated Table 15 with Tracking limits between Overcurrent and
Current limitation.
Modified pin names on Figure 3: PSSO36 pin connection (top view)
and adde notes in the Table 3: L9959T (Two H-Bridge drivers in one
package) pinout..
Modified limit for parameter “VS current consumption in passive
mode” to : (0, 2.5mA) in the Table 7: Supply.
New limits for Tdis parameter: (0, 100ns) in the Table 21: Dynamic
characteristics.
Modified Section 4.2: Protection and monitoring.
Modified Section 5.4.1: Reset sources and added new Section 5.4.2:
Configuration registers reset sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com