Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 19Page - STMicroelectronics L9959T Datasheet HTML 20Page - STMicroelectronics L9959T Datasheet HTML 21Page - STMicroelectronics L9959T Datasheet HTML 22Page - STMicroelectronics L9959T Datasheet HTML 23Page - STMicroelectronics L9959T Datasheet HTML 24Page - STMicroelectronics L9959T Datasheet HTML 25Page - STMicroelectronics L9959T Datasheet HTML 26Page - STMicroelectronics L9959T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID023416 Rev 6
23/43
L9959S, L9959T
Application information
Figure 13. DIR-change output voltage
The first part of the sequence is identical to the PWM-mode (s.a.). After this has been
finished and the associated low-side driver is on (e.g. Figure 11 LS1), in phase 1 the other
low-side driver is turned on (e.g Figure 11 LS2). Then in phase 2 the low-side output of
OUT2 is switched-off slowly and the current through the load is taken over by the body-
diode of the high-side (e.g. Figure 12 HS2). Depending on the inductance of the load, the
current vanishes more or less quickly. After the low-side driver is turned off, the high-side is
switched on with a slow slew-rate.
This assures, that direction switch occurs while the current over the load has vanished,
which reduces the electromagnetic emission.
4.2
Protection and monitoring
All errors are confirmed after their occurrence by accessing the error condition after time
tdelay_retest a second time. Only after the error is confirmed it is entered into the diagnosis
register 1 (DIA_REG1), and the device is disabled and no further diagnosis is run.
The device can be enabled again by following actions: Power-on reset, disabling or enabling
the device using the pins /ABE or DIS (e.g. disabling - enabling sequence). The diagnosis
registers can be cleared by sending a reset command by SPI (STATCON_REG) to either
diagnosis register 1 (DIA_REG1) or 2 (DIA_REG2). The bit1 (Reset) of the CONFIG_REG if
forced to zero is resetting both the device registers configuration and diagnosis registers
to default but is not able to restart the device. In order to restart IC is necessary to force a
transition LOW/HIGH/LOW on DIS pin or a transition HIGH/LOW/HIGH on /ABE pin.
The errors in the diagnosis register 1 (DIA_REG1) are transferred to the diagnosis register 2
by setting the bit DIACLR1 in the status and configuration register (STATCON_REG) or by
using the enabling -disabling sequence on /ABE or DIS. This will also clear the diagnosis
register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com