Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 27Page - STMicroelectronics L9959T Datasheet HTML 28Page - STMicroelectronics L9959T Datasheet HTML 29Page - STMicroelectronics L9959T Datasheet HTML 30Page - STMicroelectronics L9959T Datasheet HTML 31Page - STMicroelectronics L9959T Datasheet HTML 32Page - STMicroelectronics L9959T Datasheet HTML 33Page - STMicroelectronics L9959T Datasheet HTML 34Page - STMicroelectronics L9959T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID023416 Rev 6
31/43
L9959S, L9959T
SPI functional description
5.2
SPI-instruction
5.3
Device register map
Table 23. SPI instruction byte
Bit
765432
10
Name
CPAD1
CPAD0
INST<5>
INST<4>
INST<3>
INST<2>
INST<1>
INST<0>
Bit
Name
Content
7
CPAD1
Chip Address: 0
6
CPAD0
Chip Address: 0
5
INST<5>
Read/Write: Read: 0 Write: 1
4:0
INST<4:0> SPI Instruction
Table 24. Check byte
Bit
7
6
5
4
3
2
1
0
Name
Tristate
Tristate
1
0
1
0
1
TRANS_F
Bit
Name
Content
7:6
Tristate
Tristate
6:1
Fix Content: 10101
0
TRANS_F
Transfer-Failure
Table 25. Command overview
Command
INST<5:0>
Content
RD_ID
00_0100
Read Device ID
RD_REV
00_0110
Read Device Revision
RD_DIA1
01_0000
Read Diagnostic Information Register 1
RD_DIA2
01_1000
Read Diagnostic Information Register 2
RD_CONFIG
00_1000
Read Configuration
RD_STATCON
00_1100
Read VDD Monitoring Status
RD_SPECIAL
00_1110
Read information from SPECIAL
WR_DIA1
11_0000
Write to Diagnostic Information Register 1
WR_DIA2
11_1000
Write to Diagnostic Information Register 2
WR_CONFIG
10_1000
Write Configuration
WR_STATCON
10_1100
Write VDD Monitoring Status
WR_SPECIAL
10_1110
Write information to SPECIAL
All Other
-
Invalid Command: TRANS_F: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com