Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 8Page - STMicroelectronics L9959T Datasheet HTML 9Page - STMicroelectronics L9959T Datasheet HTML 10Page - STMicroelectronics L9959T Datasheet HTML 11Page - STMicroelectronics L9959T Datasheet HTML 12Page - STMicroelectronics L9959T Datasheet HTML 13Page - STMicroelectronics L9959T Datasheet HTML 14Page - STMicroelectronics L9959T Datasheet HTML 15Page - STMicroelectronics L9959T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical specifications
L9959S, L9959T
12/43
DocID023416 Rev 6
3.3
Thermal data
3.4
Electrical characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V
 V
S  18 V, 4.5 V  VDD  5.5 V; all outputs open; Tj = -40 °C to
150 °C, unless otherwise specified.
Table 6. Thermal data
Symbol
Parameter
PSSO24
PSSO36
Unit
Rthj-case
Thermal resistance junction-to-case (max)
2
3.5
°C/W
Table 7. Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Operating voltage range
-
4.5
-
28
V
IVS
VS current consumption in
active mode
VDD = 5 V; VS = 5 V and
VS = 18 V;
Bridge disabled
--
5
mA
VDD = 5 V; VS = 5 V and
VS = 18 V; fOUT = 2 kHz;
IOUT = 0 A
--
6
mA
VDD = 5 V; VS = 5 V and
VS = 18 V; fOUT = 10 kHz;
IOUT = 0 A
--
14
mA
VDD = 5 V; VS = 28 V;
fOUT = 10 kHz; IOUT = 0 A
--
14
mA
IVS(stby)
VS current consumption in
passive mode
VDD = 0 V
0
-
2.5
mA
VVS_slew
(1)
Slew rate on VS
-
-
-
100
V/µs
VVS_slew
(2)
Slew rate on VS
--
-
20
V/µs
VDD
Operating voltage range
-
4.5
-
5.5
V
IVDD
VDD supply current
VS = 18 V; VDD = 5 V
-
-
10
mA
1.
No change of parameters for VDD-monitoring and in SPI logic
2.
No change of parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com