Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 35Page - STMicroelectronics L9959T Datasheet HTML 36Page - STMicroelectronics L9959T Datasheet HTML 37Page - STMicroelectronics L9959T Datasheet HTML 38Page - STMicroelectronics L9959T Datasheet HTML 39Page - STMicroelectronics L9959T Datasheet HTML 40Page - STMicroelectronics L9959T Datasheet HTML 41Page - STMicroelectronics L9959T Datasheet HTML 42Page - STMicroelectronics L9959T Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
L9959S, L9959T
42/43
DocID023416 Rev 6
26-Jun-2013
5
Corrected detailed pin names in function of die for psso36: Figure 3
on page 7 and Table 3 on page 9.
Added LSL and USL in Table 12 for dVfOUTLS/dt Output fall slew-
rate low-side. Limts are set at (2.5 , 8) V/µs.
Table 13 modifed LSL at 10 mV for Current Feedback range for Vs >
6.5 V, OUTx = 0 A, TJ = -40 °C; Current level 2,3,4.
Modified RL_OL_MIN at 5Kohm in Table 16 on page 18’.
Renamed I_DISPU to R_DISPU and set new limits (10 - 45 Kohm) in
Table 20 on page 19.
Modifed hysteresis range in Figure 15 on page 25.
Corrected Figure 20: Application circuit on page 38.
16-Sept-2013
6
Updated Disclaimer
Table 36. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com