Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 13Page - STMicroelectronics L9959T Datasheet HTML 14Page - STMicroelectronics L9959T Datasheet HTML 15Page - STMicroelectronics L9959T Datasheet HTML 16Page - STMicroelectronics L9959T Datasheet HTML 17Page - STMicroelectronics L9959T Datasheet HTML 18Page - STMicroelectronics L9959T Datasheet HTML 19Page - STMicroelectronics L9959T Datasheet HTML 20Page - STMicroelectronics L9959T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID023416 Rev 6
17/43
L9959S, L9959T
Electrical specifications
Table 14. Current limiting
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|ICL2|
(1)
Current limit2
RCF = 5.1k
4.25
5
5.75
A
|ICL3|
(1)
Current limit3
5.6
6.6
7.6
A
|ICL4|
(1)
Current limit4
7.3
8.6
9.9
A
|IHYS2-4|
(1)
Current limit hysteresis1
-
-5%
ICL2-4
-
-10%
ICL2-4
A
tb
Blanking time
Guaranteed through
scan.
8
11
15
µs
ttrans
Time between two transient
90
-
130
µs
1.
Programmable current levels see Table 33 Current Level (CONFIG_REG). Measured using a 5.1k resistor between CF and
GND (RCF).
Table 15. Over-current detection (8 V < VS < 18 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IOC2_LSI
(1)
Low side over current
threshold2
VDD = 5 V
4.9
-
8.2
A
|IOC3_LS|
(1)
Low side over current
threshold3
VDD = 5 V
6.7
-
11.1
A
|IOC4_LS|
(1)
Low side over current
threshold4
VDD = 5 V
8.4
-
14
A
|IOC2_HSI
(1)
High side over current
threshold2
VDD = 5 V
5.5
-
9.2
A
|IOC3_HS|
(1)
High side over current
threshold3
VDD = 5 V
6.9
-
11.5
A
|IOC4_HS|
(1)
High side over current
threshold4
VDD = 5 V
8.6
-
14.4
A
ITRACK-1
(1)
|IOC1_LS| - |ICL1_LS|
VDD = 5 V
0.4
-
5.5
A
ITRACK-2
(1)
|IOC2_LS| - |ICL2_LS|
VDD = 5 V
0.4
-
5.5
A
ITRACK-3
(1)
|IOC3_LS| - |ICL3_LS|
VDD = 5 V
0.4
-
5.5
A
ITRACK-4
(1)
|IOC4_LS| - |ICL4_LS|
VDD = 5 V
0.4
-
5.5
A
tDF
Delay time for fault detection
-
1
2
µs
tDF_off
Switch-off delay time
-
6
µs
tDF_del
Delayed switch-off time
-
20
200
µs
1.
Programmable current levels see Table 33 Current Level (CONFIG_REG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com