Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959T Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 33Page - STMicroelectronics L9959T Datasheet HTML 34Page - STMicroelectronics L9959T Datasheet HTML 35Page - STMicroelectronics L9959T Datasheet HTML 36Page - STMicroelectronics L9959T Datasheet HTML 37Page - STMicroelectronics L9959T Datasheet HTML 38Page - STMicroelectronics L9959T Datasheet HTML 39Page - STMicroelectronics L9959T Datasheet HTML 40Page - STMicroelectronics L9959T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
DocID023416 Rev 6
37/43
L9959S, L9959T
SPI functional description
5.4.1
Reset sources
POR: Reset due to a VDD power up on VDD (Power-Up Reset)
ENDISR: Reset caused by an enable or disable of the power stages (DIS or /ABE edge
triggered) (Enable-/Disable Reset)
DISR: Reset caused by disabling the power stages (DIS or /ABE level triggered)
(Disable power stage reset)
5.4.2
Configuration registers reset sources
POR: Reset due to a VDD power up on VDD (Power-Up Reset)
SPIR: Reset by setting bit RESET in the configuration register (CONFIG_REG)
(SPIReset)
RDIR: Reset caused by a read access to the corresponding register (Read Register)
DIACLR1: Reset by setting bit DIACLR1 in the Status and Configuration Register
STATCON (Diagnosis Reset 1)
DIACLR2: Reset by setting bit DIACLR2 in the Status and Configuration Register
STATCON (Diagnosis Reset 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com