Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 49Page - STMicroelectronics ST25TA02K-P Datasheet HTML 50Page - STMicroelectronics ST25TA02K-P Datasheet HTML 51Page - STMicroelectronics ST25TA02K-P Datasheet HTML 52Page - STMicroelectronics ST25TA02K-P Datasheet HTML 53Page - STMicroelectronics ST25TA02K-P Datasheet HTML 54Page - STMicroelectronics ST25TA02K-P Datasheet HTML 55Page - STMicroelectronics ST25TA02K-P Datasheet HTML 56Page - STMicroelectronics ST25TA02K-P Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
DocID027794 Rev 2
53/64
ST25TA02K-P
Functional procedures
58
7.5
Unlocking an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Present the NDEF file Write password by using the Verify command
4.
Unlock the NDEF file by sending the Disable verification command.
7.6
Reaching the read-only state for an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Transmit the NDEF file Write password by using the Verify command
4.
Send an EnablePermanentState command.
7.7
Changing a File type Procedure
The RF host executes this procedure to change the File Type of a file for which all access
rights were previously granted.
1.
Select the NDEF Tag Application
2.
Select the File to be modified
3.
Set the File Length to 0x00 using the UpdateBinary command
4.
Send an UpdateFileType command with the New file Type as data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com