Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics ST25TA02K-P Datasheet HTML 17Page - STMicroelectronics ST25TA02K-P Datasheet HTML 18Page - STMicroelectronics ST25TA02K-P Datasheet HTML 19Page - STMicroelectronics ST25TA02K-P Datasheet HTML 20Page - STMicroelectronics ST25TA02K-P Datasheet HTML 21Page - STMicroelectronics ST25TA02K-P Datasheet HTML 22Page - STMicroelectronics ST25TA02K-P Datasheet HTML 23Page - STMicroelectronics ST25TA02K-P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ST25TA02K-P memory management
ST25TA02K-P
20/64
DocID027794 Rev 2
3
ST25TA02K-P memory management
3.1
Memory structure
The ST25TA02K-P supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The ST25TA02K-P is composed of three files:
•
One Capability Container file
•
One NDEF file
•
One System file: this file is an ST-proprietary file
The System file contains some information on the configuration of the ST25TA02K-P
device. The CC file gives some information about the ST25TA02K-P itself and the NDEF
file. The NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the ST25TA02K-P and the NDEF file. This file is a
read-only file for the RF host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF host by issuing
a specific process (refer to Section 7: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file
Table 4. CC file layout for 1 NDEF file
File offset
Meaning
Value
Comments
0x0000
Length CC file
0x000F
15 bytes
0x0002
Mapping version(1)
0x20 or 0x10
V 2.0 or V 1.0
0x0003
Maximum number of bytes that can be read
0x00FF
255 bytes
0x0005
Maximum number of bytes that can be written
0x0036
54 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com