Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 32Page - STMicroelectronics ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics ST25TA02K-P Datasheet HTML 34Page - STMicroelectronics ST25TA02K-P Datasheet HTML 35Page - STMicroelectronics ST25TA02K-P Datasheet HTML 36Page - STMicroelectronics ST25TA02K-P Datasheet HTML 37Page - STMicroelectronics ST25TA02K-P Datasheet HTML 38Page - STMicroelectronics ST25TA02K-P Datasheet HTML 39Page - STMicroelectronics ST25TA02K-P Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
RF command sets
ST25TA02K-P
36/64
DocID027794 Rev 2
5.6.3
NDEF Tag Application Select command
the RF host shall send this command to activate the NDEF Tag Application.
To activate the NDEF Tag Application, the RF host sends the Select command (see
Table 23) in addition to the sequence defined in the NFC Forum digital protocol.
Table 23 defines the C-APDU of the Select command to select the NDEF Tag Application
(called NDEF Tag Application Select).
Table 24 defines the R-APDU of the NDEF Tag Application Select command.
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.6.4
Capability Container Select command
The RF host uses the Capability Container Select procedure to select the capability
container (CC) file.
The CC file is selected when this command returns "command completed" in the R-APDU.
Table 25 defines the C-APDU of the Select command to select the CC file (called Capability
Container Select).
Table 23. C-APDU of the NDEF Tag Application Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
-
0x00
0xA4
0x04
0x00
0x07
0xD27600
00850101
0x00
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
Application ID
Le field
Table 24. R-APDU of the NDEF Tag Application Select command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x6A
0x82
NDEF Tag Application not found
Value
-
0x6D
0x00
Class not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com