Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 26Page - STMicroelectronics ST25TA02K-P Datasheet HTML 27Page - STMicroelectronics ST25TA02K-P Datasheet HTML 28Page - STMicroelectronics ST25TA02K-P Datasheet HTML 29Page - STMicroelectronics ST25TA02K-P Datasheet HTML 30Page - STMicroelectronics ST25TA02K-P Datasheet HTML 31Page - STMicroelectronics ST25TA02K-P Datasheet HTML 32Page - STMicroelectronics ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics ST25TA02K-P Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
RF command sets
ST25TA02K-P
30/64
DocID027794 Rev 2
Note:
Block numbering rules:
When the RF host sends a command to the ST25TA02K-P the format of the payload is the
C-APDU.
When the ST25TA02K-P sends a command to the RF host, the format of the payload is the
R-APDU.
Table 13. PCB field of the I-Block format
b7-b6
b5b4b3b2
b1
b0
0b00
0
0
X
0
1
X
I-Block
RFU
Must be set to 0
DID field is present, if bit is set
Must be set to 0
Must be set to 1
Block number(1)
1. Follow ISO 14443_4 Block numbering rules (see note)
Reader rules:
Rule A: The Reader block number shall be initialized to 0.
Rule B: When an I-block or an R(ACK) block with a block number equal to
the current block number is received, the Reader shall toggle the
current block number before optionally sending a block to the
ST25TA02K-P.
ST25TA02K-P rules:
Rule C. The ST25TA02K-P block number shall be initialized to 1 at
activation.
Rule D. When an I-block is received, the ST25TA02K-P shall toggle its block
number before sending a block.
Note:
The ST25TA02K-P may check if the received block number is not in
compliance with Reader rules to decide neither to toggle its internal block
number nor to send a response block.
Rule E. When an R(ACK) block with a block number not equal to the current
ST25TA02K-P block number is received, the ST25TA02K-P shall
toggle its block number before sending a block.
Note:
There is no block number toggling when an R(NAK) block is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com