Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 31Page - STMicroelectronics ST25TA02K-P Datasheet HTML 32Page - STMicroelectronics ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics ST25TA02K-P Datasheet HTML 34Page - STMicroelectronics ST25TA02K-P Datasheet HTML 35Page - STMicroelectronics ST25TA02K-P Datasheet HTML 36Page - STMicroelectronics ST25TA02K-P Datasheet HTML 37Page - STMicroelectronics ST25TA02K-P Datasheet HTML 38Page - STMicroelectronics ST25TA02K-P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
DocID027794 Rev 2
35/64
ST25TA02K-P
RF command sets
58
Table 22. Error code of the ST25TA02K-P
SW1
SW2
Comment
Length
1 byte
1 byte
Value
0x62
0x82
End of file or record reached before
reading Le bytes
Value
0x63
0x00
Password is required
Value
0x63
0xCX
Password is incorrect, X further
retries allowed (X can take value
0,1, 2)
Value
0x65
0x81
Unsuccessful updating
Value
0x67
0x00
Wrong frame length
Value
0x69
0x81
Cmd is incompatible with the file
structure
Value
0x69
0x82
Security status not satisfied
Value
0x69
0x84
Reference data not usable
Value
0x6A
0x80
Incorrect parameters Le or Lc
Value
0x6A
0x82
File or application not found
Value
0x6A
0x84
File overflow (Lc error)
Value
0x6A
0x86
Incorrect P1 or P2 values
Value
0x6D
0x00
INS field not supported
Value
0x6E
0x00
Class not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com